BYS30-40T BYS30-50T BYS30-70T BYS30-XXX BYS30-100T |
KVM EXTENDER WITH SERIAL AND BUILT IN SKEW COMP 肖特基双二极 KVM EXTENDER RECEIVER ONLY W. SKEW COMP 肖特基双二极 SCHOTTKY-DUAL DIODES 肖特基双二极 WIRE, PTFE, A, PINK, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Pink; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 16AWG, BLACK, 100M; Area, conductor CSA:1.343mm2; Conductor make-up:19/0.3; Voltage rating, AC:600V; Current rating:20A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, WHITE, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 24AWG, BLACK, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes CAT5 KEYBOARD & MOUSE EXTENDER WIRE, PTFE, B, BLACK, 7/0.2MM, 25M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes KVM EXTENDER RECEIVER ONLY W. SKEW COMP KVM EXTENDR W/ SERIAL, AUDIO, & BUILT IN SKEW COMP WIRE, ETFE, TEFZEL, 24AWG, WHITE, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, BLACK, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 100M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, B, BROWN, 7/0.2MM, 100M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes CAT5 KVM EXTENDER HUB W/ SERIA WIRE, PTFE, A, WHITE, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|